PART |
Description |
Maker |
TIM5964-80SL08 |
IM3=-30 dBc at Pout= 42.0dBm Single Carrier Level
|
Toshiba Semiconductor
|
TIM5964-60SL08 |
IM3=-45 dBc at Pout= 36.5dBm Single Carrier Level
|
Toshiba Semiconductor
|
AIDM9 AIDM17J AIDM150 AIDM125 AIDM13G AIDM175 AIDM |
2-Channel Differential Input 24-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C .): 1Mbit/s; Current Transfer Ratio: 10% (min) (19% (min) for rank O) @I_F(IN)=16mA; Isolation voltage BVs @1minute (min) (V_rms): 5000; Safety Standard 24-Bit µPower No Latency Delta-Sigma ADC in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IF Wave Detection ICs; Application: Cordless Telephone; Operating Voltage: 1.8-5.5V; Package: SSOP16 (0.65); Comments: Mixer/ IF Amp/ Noise Detection ) Typ.: 4.5; Package Type: 2-11D1B ) Typ.: 2.5; Package Type: 2-11D1B IC Output Photocouplers and Photorelays; Features: Buffer logic type(totem pole output); Package: MFSOP6; Surface Mount Type: Y; Number of Pins: 5 IC Output Photocouplers and Photorelays; Features: Inverter logic type(totem pole output); Package: SDIP6; Surface Mount Type: Y; Number of Pins: 6 Serial 12-Bit, 3.5Msps Sampling ADCs with Shutdown; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: Y; Package: PW-MINI; Number Of Pins: 3; Publication Class: High Frequency Switching Power Transistor MOSFETs - Nch VDSS=30V; Surface Mount Type: N; Package: PW-MOLD; R DS On (Ω): (max 0.12) (max 0.1); I_S (A): (max 5) C-Band Power GaAs IMFETs; Frequency Band (GHz): 3.4-3.8; P1dB (dBm): 42.5; G1dB (dB): 12.5; Ids (A) Typ.: 4.4; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.5; Package Type: 2-16G1B 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.0-5.3; P1dB (dBm): 42.5; G1dB (dB): 8.5; Ids (A) Typ.: 4.4; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.5; Package Type: 2-16G1B 逻辑IC Logic IC 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.3-5.9; P1dB (dBm): 45.5; G1dB (dB): 8.5; Ids (A) Typ.: 8; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.2; Package Type: 2-16G1B 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.9-6.4; P1dB (dBm): 38.5; G1dB (dB): 10; Ids (A) Typ.: 1.6; IM3 (dBc) Typ.: -47; Rth (°C/W) Typ.: 3.8; Package Type: 2-11D1B 逻辑IC MOSFETs - Nch VDSS=30V; Surface Mount Type: N/Y; Package: TO-220FL/SM; R DS On (Ω): (max 0.02); I_S (A): (max 45)
|
Glenair, Inc. Square D by Schneider Electric
|
TIM1314-30L09 |
HIGH POWER P1dB=45.0dBm at 13.75GHz to 14.5GHz
|
Toshiba Semiconductor
|
ICE2A165 ICE2A365 |
Integrated Power ICs - max. Pout=18W, fop=100kHz, Vbreak=650V, DIP8 Integrated Power ICs - max. Pout=45W, fop=100kHz, Vbreak=650V, DIP8
|
Infineon
|
STGIPL14K60 |
IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
|
STMicroelectronics
|
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Corporation
|
BGA614 |
Silicon MMICs - SiGe 0...5GHz, 15dB Broadband Amplifier, Pout = 12dBm, SOT343 Silicon Germanium Broadband MMIC Amplifier
|
INFINEON[Infineon Technologies AG]
|